Part Number Hot Search : 
C2223 MA150 AAMUA RUE300 20200C ON0680 12816 LM317AK
Product Description
Full Text Search
 

To Download TLP181GBFT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TLP181
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP181
Office Machine Programmable Controllers AC Adapter I/O Interface Board
The TOSHIBA mini flat coupler TLP181 is a small outline coupler, suitable for surface mount assembly. TLP181 consist of a photo transistor optically coupled to a gallium arsenide infrared emitting diode. Since TLP181 is smaller than DIP package, it's suitable for high-density surface mounting applications such as programmable controllers * * * * * Collector-emitter voltage: 80V (min) Current transfer ratio: 50% (min) Rank GB: 100% (min) Isolation voltage: 3750Vrms (min) Operation Temperature:-55 to 110 C Safety Standards UL recognized: UL1577, File No. E67349 cUL recognized: CSA Component Acceptance Service No. 5A File No.E67349 * BSI approved: BS EN60065:2002, certificate No.8285 BS EN60950-1:2006 certificate No.8286 VDE approved : EN60747-5-2 Maximum Operating Insuration Voltage: 565 Vpk Highest Permissible Overvoltage: 6000 Vpk (Note) : When a EN60747-5-2 approved type is needed, Please designate "Option(V4)" TOSHIBA 11-4C1 Unit in mm
Weight: 0.09 g (Typ.)
Option (V4) type
Pin Configuration (top view)
1 3 1: Anode 3: Cathode 4: Emitter 6: Collector 6 4
1
2009-11-12
TLP181
Current Transfer Ratio
Current Transfer Ratio (%) (IC / IF) Type Classification *1 IF = 5mA, VCE = 5V, Ta = 25C Min Blank Rank Y Rank GR Rank BL TLP181 Rank GB Rank YH Rank GRL Rank GRH Rank BLL 50 50 100 200 100 75 100 150 200 Max 600 150 300 600 600 150 200 300 400 Blank ,Y,Y,YE,G,G,GR,B, B,BL,GB YE GR BL GB Y G G B Marking Of Classification
*1: EX, Rank GB: TLP181 (GB) (Note) Application, type name for certification test, please use standard product type name, i, e. TLP181 (GB): TLP181
2
2009-11-12
TLP181
Absolute Maximum Ratings (Ta = 25C)
Characteristic Forward current Forward current detating Pulse forward current (100s pulse, 100pps) Reverse voltage Junction temperature Collector-emitter voltage Emitter-collector voltage Detector Collector current Collector power dissipation (1 Circuit) Collector power dissipation derating (1 Circuit Ta 25C) Junction temperature Storage temperature range Operating temperature range Lead soldering temperature Total package power dissipation Total package power dissipation derating (Ta 25C) Isolation voltage (AC, 1min., R.H. 60%) (Note 1) LED Symbol IF IF / C IFP VR Tj VCEO VECO IC PC PC / C Tj Tstg Topr Tsol PT PT / C BVS Rating 50 -1.4 (Ta 89C) 1 5 125 80 7 50 150 -1.5 125 -55 to 125 -55 to 110 260 (10s) 200 -2.0 3750 Unit mA mA / C A V C V V mA mW mW / C C C C C mW mW / C Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). (Note 1) Device considered a two-terminal device: Pin1, 3 shorted together and pins 4, 6 shorted together
Recommended Operating Conditions
Characteristic Supply voltage Forward current Collector current Symbol VCC IF IC Min Typ. 5 16 1 Max 48 20 10 Unit V mA mA
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the device. Additionally, each item is an independent guideline respectively. In developing designs using this product, please confirm specified characteristics shown in this document.
3
2009-11-12
TLP181
Individual Electrical Characteristics (Ta = 25C)
Characteristic Forward voltage LED Reverse current Capacitance Collector-emitter breakdown voltage Emitter-collector breakdown voltage Symbol VF IR CT V(BR) CEO V(BR) ECO Test Condition IF = 10 mA VR = 5 V V = 0, f = 1 MHz IC = 0.5 mA IE = 0.1 mA VCE = 48 V, ( Ambient light below 1000 lx) VCE = 48 V, Ta = 85C, ( Ambient light below 1000 lx) V = 0, f = 1 MHz Min 1.0 -- -- 80 7 -- -- -- Typ. 1.15 -- 30 -- -- 0.01 (2) 2 (4) 10 Max 1.3 10 -- -- -- 0.1 (10) 50 (50) -- Unit V A pF V V A A pF
Detector
Collector dark current
ICEO
Capacitance (collector to emitter)
CCE
Coupled Electrical Characteristics (Ta = 25C)
Characteristic Current transfer ratio Symbol IC / IF Test Condition IF = 5 mA, VCE = 5 V MIn 50 Rank GB 100 -- 30 -- -- -- -- Typ. -- -- 60 -- -- 0.2 -- 1 Max 600 600 -- -- 0.4 -- 0.4 10 A V Unit %
Saturated CTR
IC / IF (sat)
IF = 1 mA, VCE = 0.4 V Rank GB IC = 2.4 mA, IF = 8 mA
%
Collector-emitter saturation voltage Off-state collector current
VCE (sat)
IC = 0.2 mA, IF = 1 mA Rank GB VF = 0.7V, VCE = 48 V
IC (off)
Isolation Characteristics (Ta = 25C)
Characteristic Capacitance (input to output) Isolation resistance Symbol CS RS Test Condition VS = 0V, f = 1 MHz VS = 500 V, R.H. 60% AC, 1 minute Isolation voltage BVS AC, 1 second, in oil DC, 1 minute, in oil Min -- 1x10
12
Typ. 0.8 10
14
Max -- -- -- -- --
Unit pF Vrms Vdc
3750 -- --
-- 10000 10000
4
2009-11-12
TLP181
Switching Characteristics (Ta = 25C)
Characteristic Rise time Fall time Turn-on time Turn-off time Turn-on time Storage time Turn-off time Symbol tr tf ton toff tON ts tOFF RL = 1.9 k VCC = 5 V, IF = 16 mA (Fig.1) VCC = 10 V, IC = 2 mA RL = 100 Test Condition Min -- -- -- -- -- -- -- Typ. 2 3 3 3 2 25 40 Max -- -- -- -- -- -- -- s s Unit
Fig. 1
IF
Switching time test circuit
VCC VCE IF tS VCE tON 4.5V 0.5V tOFF
RL
5
2009-11-12
TLP181
IF - Ta
100 200
PC - Ta
Allowable forward current IF (mA)
60
40
Allowable collector power dissipation PC (mW)
80
160
120
80
20
40
0 -20
0
20
40
60
80
100
120
0 -20
0
20
40
60
80
100
120
Ambient temperature Ta (C)
Ambient temperature Ta (C)
IFP - DR
3000 Pulse width 100s Ta = 25C 100
IF - V F
IFP (mA)
(mA) IF Forward current
10-3 10-2 10-1 100
1000 500 300
10
Pulse forward current
1
100 50 30
0.1
10 3
0.01 85C 0.001 0 25 C 0.8 -25C
3
3
3
Duty cycle ratio
DR
0.4
1.2
1.6
2
Forward voltage
VF
(V)
VF / Ta - IF
-3.2 1000
IFP - VFP IFP (mA) Pulse forward current
500 300
Forward voltage temperature coefficient VF / Ta (mV / C)
-2.8 -2.4 -2.0 -1.6 -1.2 -0.8 -0.4 0.1
100 50 30
10 5 3 1 0.6 Pulse width 10s Repetitive Frequency = 100Hz Ta = 25C
0.3 0.5
1
3
5
10
30
50
1.0
1.4
1.8
2.2
2.6
3.0
Forward current
IF
(mA)
Pulse forward
voltage
VFP
(V)
6
2009-11-12
TLP181
IC - VCE
50 Ta = 25C 50mA 30 Ta = 25C
IC - VCE
50mA 40mA 30mA 20 20mA
(mA)
40
IC
30 10mA 20 PC (max) IF = 5mA 10
Collector current
Collector current
IC
30mA 20mA 15mA
(mA)
10mA 10 5mA
2mA
0 0
2
4
6
8
10
0 0
0.2
0.4
0.6
0.8
1.0
Collector-emitter voltage
VCE
(V)
Collector-emitter voltage
VCE
(V)
IC - IF
100 Ta = 25C 10
1
ICEO - Ta
(mA)
50 30 10 5 3 Sample B 1 0.5 0.3 0.1 0.1 VCE = 10V VCE = 5V VCE = 0.4V 0.3 0.5 1 3 5 10 30 50
ICEO (A) Collector dark current
10
0
IC
Sample A
Collector current
10
-1
VCE = 48V 24V
10
-2
10V 5V
Forward current IF
(mA)
10
-3
10
-4
0
20
40
60
80
100
IC / IF - IF
1000 Ta = 25C 500
Ambient temperature Ta (C)
Current transfer ratio IC / IF (%)
300 Sample A
100 Sample B 50 30 VCE = 10V VCE = 5V 10 0.1 VCE = 0.4V 0.3 0.5 1 3 5 10 30 50
Forward current IF
(mA)
7
2009-11-12
TLP181
VCE(sat) - Ta
0.24 IF = 1mA IC = 0.2mA 100
IC - Ta
VCE = 5V IF = 25mA 10mA 5mA 10 5 3
Collector-emitter saturation voltage VCE(sat) (V)
(mA) Collector current IC
0.20
50 30
0.16
0.12
0.08
0.04
1mA 0 -40 1 -20 0 20 40 60 80 100 0.5 0.3 0.5mA
Ambient temperature
Ta
(C)
0.1
Switching Time - RL
1000 Ta = 25C IF = 16mA 500 VCC = 5V 300 tOFF 160
-20
0
20
40
60
80
100
Ambient temperature
Ta
(C)
Switching Time - Ta
50 100 30
tOFF ts
(s)
50 30
ts
(s) Switching time
Switching time
10
5 3 tON 1
10
5 0.5 3 0.3 tON 1 1 3 5 10 30 50 100 0.1 IF = 16mA VCC = 5V RL = 1.9k -20 0 20 40 60 80 100
Load resistance RL
(k)
Ambient temperature Ta (C)
8
2009-11-12
TLP181
RESTRICTIONS ON PRODUCT USE
* Toshiba Corporation, and its subsidiaries and affiliates (collectively "TOSHIBA"), reserve the right to make changes to the information in this document, and related hardware, software and systems (collectively "Product") without notice. * This document and any information herein may not be reproduced without prior written permission from TOSHIBA. Even with TOSHIBA's written permission, reproduction is permissible only if reproduction is without alteration/omission. * Though TOSHIBA works continually to improve Product's quality and reliability, Product can malfunction or fail. Customers are responsible for complying with safety standards and for providing adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a malfunction or failure of Product could cause loss of human life, bodily injury or damage to property, including data loss or corruption. Before customers use the Product, create designs including the Product, or incorporate the Product into their own applications, customers must also refer to and comply with (a) the latest versions of all relevant TOSHIBA information, including without limitation, this document, the specifications, the data sheets and application notes for Product and the precautions and conditions set forth in the "TOSHIBA Semiconductor Reliability Handbook" and (b) the instructions for the application with which the Product will be used with or for. Customers are solely responsible for all aspects of their own product design or applications, including but not limited to (a) determining the appropriateness of the use of this Product in such design or applications; (b) evaluating and determining the applicability of any information contained in this document, or in charts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operating parameters for such designs and applications. TOSHIBA ASSUMES NO LIABILITY FOR CUSTOMERS' PRODUCT DESIGN OR APPLICATIONS. * Product is intended for use in general electronics applications (e.g., computers, personal equipment, office equipment, measuring equipment, industrial robots and home electronics appliances) or for specific applications as expressly stated in this document. Product is neither intended nor warranted for use in equipment or systems that require extraordinarily high levels of quality and/or reliability and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage or serious public impact ("Unintended Use"). Unintended Use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used for automobiles, trains, ships and other transportation, traffic signaling equipment, equipment used to control combustions or explosions, safety devices, elevators and escalators, devices related to electric power, and equipment used in finance-related fields. Do not use Product for Unintended Use unless specifically permitted in this document. * Do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy Product, whether in whole or in part. * Product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. * The information contained herein is presented only as guidance for Product use. No responsibility is assumed by TOSHIBA for any infringement of patents or any other intellectual property rights of third parties that may result from the use of Product. No license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. * ABSENT A WRITTEN SIGNED AGREEMENT, EXCEPT AS PROVIDED IN THE RELEVANT TERMS AND CONDITIONS OF SALE FOR PRODUCT, AND TO THE MAXIMUM EXTENT ALLOWABLE BY LAW, TOSHIBA (1) ASSUMES NO LIABILITY WHATSOEVER, INCLUDING WITHOUT LIMITATION, INDIRECT, CONSEQUENTIAL, SPECIAL, OR INCIDENTAL DAMAGES OR LOSS, INCLUDING WITHOUT LIMITATION, LOSS OF PROFITS, LOSS OF OPPORTUNITIES, BUSINESS INTERRUPTION AND LOSS OF DATA, AND (2) DISCLAIMS ANY AND ALL EXPRESS OR IMPLIED WARRANTIES AND CONDITIONS RELATED TO SALE, USE OF PRODUCT, OR INFORMATION, INCLUDING WARRANTIES OR CONDITIONS OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, ACCURACY OF INFORMATION, OR NONINFRINGEMENT. * GaAs (Gallium Arsenide) is used in Product. GaAs is harmful to humans if consumed or absorbed, whether in the form of dust or vapor. Handle with care and do not break, cut, crush, grind, dissolve chemically or otherwise expose GaAs in Product. * Do not use or otherwise make available Product or related software or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or manufacturing of nuclear, chemical, or biological weapons or missile technology products (mass destruction weapons). Product and related software and technology may be controlled under the Japanese Foreign Exchange and Foreign Trade Law and the U.S. Export Administration Regulations. Export and re-export of Product or related software or technology are strictly prohibited except in compliance with all applicable export laws and regulations. * Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS compatibility of Product. Please use Product in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, including without limitation, the EU RoHS Directive. TOSHIBA assumes no liability for damages or losses occurring as a result of noncompliance with applicable laws and regulations.
9
2009-11-12


▲Up To Search▲   

 
Price & Availability of TLP181GBFT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X